Part Number Hot Search : 
PIC18F4 PI74FCT SF4003GP 01456 C2625 AD560 CAT512 B2901
Product Description
Full Text Search
 

To Download H1036L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100BASE-TX QUAD PORT TRANSFORMER MODULES
For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
RoHS-6 peak reflow temperature rating: 245C RoHS-5 peak reflow temperature rating: 235C Meets IEEE 802.3 specification Models designed to support four single- or double-stacked RJ-45 connectors
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
RoHS-5 4 Compliant Part Number H1036L H1044 H1053 H1053 H1062 HX1203 1 HX1236 1 1. 2. 3. 4. 5. RoHS-6 5 Compliant Part Number H1036LNL3d H1044NL3d H1053NL3d H1053NL3d H1062 NL3d H1071NL3d HX1203NL3d HX1236NL3C Insertion Loss (dB TYP) 0.1-100MHz -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 Return Loss (dB TYP) 2-30MHz 40MHz 50MHz 60-80MHz -21 -17 -14.5 -12 -21 -17 -14.5 -12 -21 -17 -14.5 -12 -21 -17 -14.5 -12 -21 -17 -14.5 -12 -21 -17 -14.5 -12 -21 -18 -17 -16 -14.5 -14.5 -12 -12 Crosstalk (dB TYP) 1MHz 30MHz -65 -55 -65 -55 -65 -50 -65 -50 -65 -55 -65 -50 -65 -50 -55 -45 60MHz -45 -45 -40 -40 -45 -40 -45 -40 100MHz -35 -35 -30 -30 -35 -30 -35 -35 Common to Common Rejection Ratio 0.1-60MHz (dB TYP) Transmit -30 -30 -30 -30 -30 -30 -30 -30 Receive -30 -30 -30 -30 -30 -30 -30 -30 Differential to Common Mode Rejection (dB TYP) 1-60MHz -40 -40 -40 -40 -40 -40 -40 -40 60-200MHz -30 -30 -30 -30 -30 -30 -30 -35
Operating temperature -40 to +85C. For Tape & Reel packaging, add a suffix "T" to the end of the part number when ordering. e.g. H1036LT. MSL=Moisture Sensitivity Level a=1 b=2 c=3 d=4. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder). RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high-temperature solder (solder alloys containing more than 85% lead).
NOTE: All models meet input/output breakdown (Hipot) of 1500 Vrms.
Mechanical
H10XX, HX12XX
1.125 MAX 28,58 .950 24,13 19X .050 1,27 40X .040 1,02
.480 .630 12,19 16,00
.495 .660 12,57 16,76
40X 19X .050 1,27
.020 0,51 .950 24,13
.050 1,27 .230 MAX 5,84 .280 7,11 0 8 40X.045 1,14 .010 0,25 .004 / 0,10 40 SURFACES
0 8 .045 40X 1,14 .010 0,25
.004 / 0,10 40 SURFACES
Weight . . . . . .4.0 grams TYP Tube . . . . . . . . . . . . . .15/tube Tape & Reel . . . . . . .250/reel
Dimensions: Inches Unless otherwise specified, all tolerances are .010 mm 0,25
USA 858 674 8100 * Germany 49 7032 7806 0 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
1
H316.F (9/07)
10/100BASE-TX QUAD PORT TRANSFORMER MODULES
For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
Quad-Port Solutions: The H1036L, H1044, H1053, H1060, H1062, and H1071NL are quad modules designed to support four single or double stacked RJ-45 connectors. Each has a different pinout for optimization in layout with various IC manufacturers.
Schematics
H1036L, HX1236
39 TCT1 34 TCT2 24 TCT4 37 RX1+ 32 RX2+ 29 TCT3 27 RX3+ 22 RX4+ 1:1 1:1 RD4+ 19 40 TX1+ 35 TX2+ 30 TX3+ 25 TX4+ 36 RX131 RX226 RX321 RX4RD4- 20 33 TX228 TX323 TX4TD4- 18 38 TX1-
LEGEND Td C Rd H Td I P Rd Td S I Rd D E Td Rd Tx Rx M E Tx D Rx I A Tx Rx S I Tx D E Rx
1:1 1:1 1:1
1:1 1:1
1:1
ALL CHANNELS ARE IN PHASE BETWEEN INPUT AND OUTPUT
TD3+ 11
RD3- 15
1
RD3+ 14
RD1+ 4
H1044
37 CMT1 27 CMT3 30 RX3+ 40 RX1+ 35 RX2+ 31 TX2+ 36 TX1+ 29 RX339 RX138 TX133 TX224 RX423 TX41:1 D4- 18 28 TX322 CMT4 T4 19 32 CMT2 25 RX4+ 1:1 1:1 4+ 16 26 TX3+ 3+ 15 34 RX2-
LEGEND Rd C Td H Rd I P Td Rd S I Td D E Rd Td Rx Tx M E Rx D Tx I A Rx Tx S I Rx D E Tx
1:1 1:1
1:1 1:1
RD2+
TD1+
1:1
ALL CHANNELS ARE IN PHASE BETWEEN INPUT AND OUTPUT
1
5
3+ 11
2
3
4
9
D3- 13
2+ 10
8
D3- 12
T3 14
6
7
TD4+ 16
TCT3 17
TD2+ 6
TCT3 12
TCT1 2
RD2- 10
RD1- 5
TD1-
TD2- 8
TD3- 13
3
TCT 7
9
D1-
D2-
USA 858 674 8100 * Germany 49 7032 7806 0 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
D1-
2
D2-
D4- 17
T1
T2
1+
1+
2+
H316.F (9/07)
10/100BASE-TX QUAD PORT TRANSFORMER MODULES
For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
Schematics
H1053
34 CMT2 39 CMT1 29 CMT3 24 CMT4 31 RX2+ 27 RX3+ 37 RX1+ 30 TX3+ 40 TX1+ 33 TX2+ 32 RX236 RX126 RX338 TX125 TX422 RX4RD4- 19 21 RX4+ 1:1 1:1 1:1 23 TX4+ 28 TX335 TX2-
LEGEND C H I P Rd Td Td Rd Tx Rx M E Tx D I Rx A Tx S Rx I D Tx E Rx
S Rd I D Td E Td Rd
1:1 1:1 1:1
1:1
1:1
ALL CHANNELS ARE IN PHASE BETWEEN INPUT AND OUTPUT
RD1+ 1
RD3+ 11
RD2- 9
2
TD2+ 8
RD3- 12
TD2- 6
38 CMT1
28 CMT3
H1060
39 RX1+ 40 RX1-
33 CMT2
TCT4 17
23 CMT4
34 RX2+
29 RX3+
26 TX3+
35 RX2-
21 TX4+
LEGEND Rd C Td H I Td P Rd S Rd I D Td E Td Rd Rx Tx M E Rx D I Tx A Rx S Tx I D Rx E Tx
1:1 1:1 1:1
1:1
1:1 1:1 1:1
25 RX4RD4- 19
1:1
= INPUT TO OUTPUT PHASE FLIP
RD3+ 11
1
TCT3 13
RD2+ 10
TCT4 18
TCT1 3
2
RD3- 12
TD3- 15
TD4- 16
TD4+ 17
5
8
9
TD3+ 14
4
USA 858 674 8100 * Germany 49 7032 7806 0 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
3
H316.F (9/07)
RD4+ 20
6
TD1+
7
RD1+
TCT2
RD1-
TD2+
TD1-
RD2-
TD2-
24 RX4+
31 TX2+
36 TX1+
37 TX1-
32 TX2-
30 RX3-
27 TX3-
22 TX4-
RD4+ 20
TCT3 14
TD3- 15
RD2+ 10
TD1+ 3
TD3+ 13
TCT2 7
TD4+ 18
TCT1 4
TD1- 5
RD1-
TD4- 16
10/100BASE-TX QUAD PORT TRANSFORMER MODULES
For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
Schematics
H1062, HX1203
28 CMT3 38 CMT1 33 CMT2 23 CMT4 30 RX3+ 31 RX2+ 40 RX1+ 21 RX4+ 1:1 1:1 1:1 TD4+ 20 25 TX41:1 RD4+ 20 27 TX3+ 37 TX1+ 34 TX2+ 24 TX4+ 39 RX129 RX322 RX4TD4- 19 24 TX4+ RD4- 19 32 RX226 TX3TD3- 15 36 TX135 TX225 TX4-
LEGEND Rd C H I P S I D E Td Td Rd Rd Td Td Rd Rx Tx Tx Rx Rx Tx Tx Rx M E D I A S I D E
1:1 1:1 1:1
1:1
1:1
ALL CHANNELS ARE IN PHASE BETWEEN INPUT AND OUTPUT
RD3+ 11
1
3
2
5
RD2+ 10
TCT3 13
TCT1
TD1+
TCT2
RD1+
H1071NL
33 CMT2 23 CMT4 TCT4 18 28 CMT3 38 CMT1 22 RX4+ 40 RX1+ 31 RX2+ 30 RX3+ 37 TX1+ 34 TX2+ 27 TX3+ 21 RX41:1 1:1 RD4+ 17 39 RX132 RX229 RX326 TX336 TX135 TX2-
LEGEND Rd C H I P S I D E Td Rd Td Rd Td Rd Td Rx Tx M E Tx D I Rx A Rx S Tx I D Tx E Rx
1:1 1:1
1:1 1:1
1:1
= INPUT TO OUTPUT PHASE FLIP
RD3- 11
1
9
RD3+ 12
TCT3 13
3
TD3+ 15
2
5
TD3- 14
6
8
RD1+
USA 858 674 8100 * Germany 49 7032 7806 0 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 755 33966678 * Taiwan 886 3 4641811
www.pulseeng.com
RD2+
TCT2
TD1+
4
TD2+ 10
TCT1
RD1-
RD2-
RD4- 16
4
7
TD1-
TD2-
TCT4 18
RD3- 12
TD4- 16
7
TD2+
TD3+ 14
TD4+ 17
4
6
8
RD1-
RD2-
TD1-
TD2-
9
H316.F (9/07)
10/100BASE-TX QUAD PORT TRANSFORMER MODULES
For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
Tape & Reel Specifications
o .059 1,50
.004 0,10 .000 0,00
.157 3,99 .079 2,01
8 .069 1,75 .795 20,19
5 MAX. DRAFT ANGLE
1.59 1.73 .012 40,39 43,94 0,30
1.13 28,70
.740 18,80
.945 24,00
.230 5,84 .270 6,86
For More Information:
Pulse Worldwide Headquarters Pulse Europe Pulse China Headquarters
B402, Shenzhen Tech-Innovation International Tenth Kejinan Rd. High-Tech Industrial Park Nanshan District, Shenzhen China Tel: 86 755 33966678 Fax: 86 755 33966700
Pulse North China
Room 1503 XinYin Building No. 888 YiShan Rd. Shanghai 200233 China Tel: 86 21 54643211/2 Fax: 86 21 54643210
Pulse South Asia
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324
Pulse North Asia
No. 26, Kao Ching Rd. Yang Mei Chen Taoyuan Hsien Taiwan R. O. C. Tel: 886 3 4641811 Fax: 886 3 4641911
Einsteinstrasse 1 12220 World Trade Dr. D-71083 Herrenberg San Diego, CA 92128 Germany U.S.A.
www.pulseeng.com Tel: 858 674 8100 Fax: 858 674 8262
Tel: 49 7032 7806 0 Fax: 49 7032 7806 135
Tel: 65 6287 8998 Fax: 65 6280 0080
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2007. Pulse Engineering, Inc. All rights reserved.
www.pulseeng.com
5
H316.F (9/07)


▲Up To Search▲   

 
Price & Availability of H1036L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X